Part Number Hot Search : 
1020C 0472J00 0472J00 05002 00201 LUGR37M MBT39 76121D
Product Description
Full Text Search
 

To Download MKP1840-410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 1840.../...-M
Vishay Roederstein
Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
Dimensions in millimeters
L max. W max. Marking
FEATURES
Product is completely lead (Pb)-free Product is RoHS compliant Miniaturized with extensive voltage, pitch and capacitance ranges
Pb-free
H max.
CAPACITANCE TOLERANCES
10 % (K), 5 % (J), 2.5 % (H)
e3
RoHS
COMPLIANT
0.6
6 -1
RATED VOLTAGES (UR)
0.4 pcm 0.4 O 0.8
250 VDC, 400 VDC, 630 VDC, 1000 VDC, 1600 VDC, 2000 VDC
Od 0.5 0.6 0.8 1.0
PCM 5 7.5 - 10 15 - 37.5 15 - 37.5
W
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60 Hz
160 VAC, 220 VAC, 250 VAC, 400 VAC, 500 VAC, 600 VAC, 700 VAC
< 16.0 16.0
TEST VOLTAGE
1.6 x UR for 2 s
MAIN APPLICATIONS
High frequency and pulse operations. Deflection circuits in TV-sets (S-correction). SMPS, loudspeaker crossover networks, electronic ballast, storage, filter, timing and sample and hold circuits.
INSULATION RESISTANCE
Measured at 100 VDC after one minute For C 0.33 F: 100000 M minimum value (150000 M typical value)
MARKING
Manufacturer's logo / type / C-value / rated voltage / tolerance / date of manufacture
TIME CONSTANT
Measured at 100 VDC after one minute For C > 0.33 F: 30000 s minimum value (50000 s typical value)
DIELECTRIC
Polypropylene film
TEMPERATURE COEFFICIENT
- 250 x 10-6/C (typical value)
ELECTRODES
Vacuum deposited
CAPACITANCE DRIFT
Up to + 40 C, 0.5 % for a period of two years
COATING
Flame retardant plastic case material (UL-class 94 V-0), color blue, epoxy resin sealed
CONSTRUCTION
Extended metallized film, (Pb)-free, internal connection (1000 VDC to 2000 VDC), selfhealing series
DERATING FOR DC AND AC CATEGORY VOLTAGE UC
At + 85 C: UC = 1.0 UR At + 100 C: UC = 0.7 UR
CONTACTS
Tinned wire (Pb)-free
SELF INDUCTANCE
~ 6 nH measured with 2 mm long leads
IEC TEST CLASSIFICATION
55/100/56, according to IEC 60068
PULL TEST ON LEADS RELIABILITY
30 N in direction of leads according to IEC 60068-2-21 Operational life > 300000 h Failure rate < 5 FIT (40 C and 0.5 UR) For further details, please refer to the general information available at www.vishay.com/doc?26033.
Maximum Pulse Rise Time dv/dt [V/s] 630 VDC 1000 VDC 1080 -- 510 -- 340 1365 185 680 110 370 85 285 60 195
OPERATING TEMPERATURE RANGE
- 55 C to + 100 C
CAPACITANCE RANGE
1000 pF to 6.8 F
MAXIMUM PULSE RISE TIME
PCM (mm) 5 7.5 10 15 22.5 27.5 37.5 Document Number: 26064 Revision: 24-Nov-05 250 VDC 360 215 150 90 55 40 30 400 VDC 540 325 240 135 80 65 45
1600 VDC -- -- 4100 1340 620 455 300
2000 VDC -- -- -- 3075 1365 -- -- www.vishay.com 1
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
For technical questions contact: dc-film@vishay.com
MKP 1840.../...-M
Vishay Roederstein Metallized Polypropylene Capacitor, Mini-Version (-M)
Related Document: CECC 31 200
MAXIMUM PULSE RISE TIME
MEASURED AT 1 kHz 10 kHz 100 kHz C 0.1 F 0.4 x 10-3 0.6 x 10-3 4.0 x 10-3 0.1 F < C 1.0 F 0.4 x 10-3 0.6 x 10-3 -- Maximum values C > 1.0 F 1.0 x 10-3 -- --
METALLIZED POLYPROPYLENE FILM CAPACITOR, MKP 1840, MINI-VERSION (-M) RELATED DOCUMENT: CECC 31 200
CAPACITANCE CAPACITANCE CODE VOLTAGE CODE 25 250 VDC / 160 VAC** W 1000 pF 1500 pF 2200 pF 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.10 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F 1.5 F 2.2 F 3.3 F 4.7 F 6.8 F - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 - 522 - 533 - 547 - 568 -- -- -- -- -- -- 3.0 3.0 3.5 3.5 4.0 4.0 5.0 5.5 6.5 6.5 7.5 8.5 8.5 10.5 11.0 13.5 15.0 14.5 H -- -- -- -- -- -- 6.5 6.5 8.5 8.5 9.0 9.0 10.5 10.5 11.5 12.5 13.5 14.5 16.5 18.5 21.0 23.5 24.5 24.5 L -- -- -- -- -- -- 7.5 7.5 7.5 7.5 10.0 10.0 10.3 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 41.5 PCM -- -- -- -- -- -- 5.0 5.0 5.0 5.0 7.5 7.5 7.5 10.0 10.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 37.5 VOLTAGE CODE 40 400 VDC / 220 VAC** W -- -- -- -- -- 3.0 3.5 3.0 4.0 4.5 5.0 5.7 5.5 6.0 7.5 8.5 7.5 10.5 11.0 13.5 15.0 18.0 18.0 20.0 H -- -- -- -- -- 6.5 8.5 8.5 9.0 9.5 10.5 11.5 10.5 12.0 13.5 17.5 15.5 18.5 21.0 23.5 24.5 28.0 32.5 40.0 L -- -- -- -- -- 7.5 7.5 10.0 10.0 10.3 10.3 10.3 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 41.5 42.5 PCM -- -- -- -- -- 5.0 5.0 7.5 7.5 7.5 7.5 7.5 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 VOLTAGE CODE 63 630 VDC / 250 VAC** W 3.0 3.0 3.5 3.0 3.0 3.0 4.0 4.5 4.5 5.5 6.5 6.0 6.0 8.5 8.5 9.0 10.5 11.5 13.5 16.5 18.0 20.0 20.0 -- H 6.5 6.5 8.5 8.5 8.5 8.5 9.0 9.5 9.5 10.5 11.5 12.0 12.0 14.5 17.5 17.0 18.5 20.5 23.5 29.5 33.0 40.0 40.0 -- L 7.5 7.5 7.5 10.0 10.0 10.0 10.0 10.3 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 31.5 31.5 31.5 31.5 42.5 42.5 -- PCM 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 27.5 27.5 27.5 27.5 37.5 37.5 -- VOLTAGE CODE 63 630 VDC / 400 VAC** W -- -- -- -- -- -- 4.5 5.5 6.5 5.5 6.5 7.5 6.5 7.5 8.5 11.0 11.5 13.5 16.5 -- -- -- -- -- H -- -- -- -- -- -- 9.5 10.5 11.5 10.5 12.5 13.5 14.5 15.5 16.5 21.0 20.5 23.5 29.5 -- -- -- -- -- L -- -- -- -- -- -- 13.0 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 31.5 31.5 31.5 -- -- -- -- -- PCM -- -- -- -- -- -- 10* 10* 10* 15* 15* 15* 22.5* 22.5* 22.5* 22.5* 27.5* 27.5* 27.5* -- -- -- -- --
*Ordering Code - 2M (e.g. MKP 1840 410 635-2M)
www.vishay.com 2
For technical questions contact: dc-film@vishay.com
Document Number: 26064 Revision: 24-Nov-05
MKP 1840.../...-M
Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
CAPACITANCE CAPACITANCE CODE W 1000 pF 1500 pF 2200 pF 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.10 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F 1.5 F - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 -- -- -- -- 4.0 4.0 5.5 6.5 5.5 6.0 7.5 8.5 7.5 9.0 10.5 11.5 13.5 16.5 18.0 18.0 VOLTAGE CODE 10 1000 VDC / 500 VAC** H -- -- -- -- 9.0 9.0 10.5 11.5 10.5 12.0 13.5 14.5 15.5 17.0 18.5 20.5 23.5 29.5 33.0 32.5 L -- -- -- -- 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 31.5 41.5 PCM -- -- -- -- 10 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 27.5 37.5 W -- -- -- -- -- 5.5 6.5 7.5 8.5 8.5 7.5 8.5 10.5 11.5 13.5 16.5 18.0 18.0 -- -- VOLTAGE CODE 13 1600 VDC / 600 VAC** H -- -- -- -- -- 10.5 12.5 13.5 14.5 17.5 15.5 16.5 18.5 20.5 23.5 29.5 33.0 32.5 -- -- L -- -- -- -- -- 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 31.5 41.5 -- -- PCM -- -- -- -- -- 15 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 27.5 37.5 -- -- W 5.5 5.5 5.5 6.0 6.0 7.5 6.5 7.5 8.5 10.5 11.0 -- -- -- -- -- -- -- -- --
Vishay Roederstein
VOLTAGE CODE 20 2000 VDC / 700 VAC** H 10.5 10.5 10.5 12.0 12.0 13.5 14.5 15.5 16.5 18.5 21.0 -- -- -- -- -- -- -- -- -- L 18.0 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 26.5 -- -- -- -- -- -- -- -- -- PCM 15 15 15 15 15 15 22.5 22.5 22.5 22.5 22.5 -- -- -- -- -- -- -- -- --
Further C-values upon request Other PCM on request
**Not suitable for mains applications. Please refer to X-capacitors in our catalog "RFI Suppression Components"
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLES MKP 1840-410/404-MD MKP 1840-410/404-MG MKP 1840-410/404-MF MKP 1840-410/404-MW MKP 1840-510/254-MV MKP 1840-510/254-MG MKP 1840-510/254-M PCM 15 X X X X -- -- X PCM 22.5 - 27.5 -- -- -- -- X X X PCM 37.5 -- -- -- -- -- -- X
*S = box size 55 x 210 x 340 mm (W x H x L) *L = box size 60 x 360 x 510 mm (W x H x L)
EXAMPLE OF ORDERING CODE
TYPE MKP 1840 CAPACITANCE CODE 447 VOLTAGE CODE 63 TOLERANCE CODE 4 MINI M PACKAGING CODE G
Tolerance codes: 4 = 5 % (J); 5 = 10 % (K); 3 = 2.5 % (H);
Document Number: 26064 Revision: 24-Nov-05
For technical questions contact: dc-film@vishay.com
www.vishay.com 3
MKP 1840.../...-M
Vishay Roederstein Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
METALLIZED POLYPROPYLENE FILM CAPACITOR, MKP 1840 PCM5, MINI-VERSION (-5M) RELATED DOCUMENT: CECC 31 200
CAPACITANCE CAPACITANCE CODE W 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.10 F - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 -- -- -- -- -- -- -- 4.5 5.0 5.5 VOLTAGE CODE 25 250 VDC / 160 VAC H -- -- -- -- -- -- -- 9.5 10.0 11.5 L -- -- -- -- -- -- -- 7.5 7.5 7.5 PCM -- -- -- -- -- -- -- 5 5 5 W -- -- -- -- 4.5 4.5 5.5 5.5 -- -- VOLTAGE CODE 40 400 VDC / 220 VAC* H -- -- -- -- 9.5 9.5 11.5 11.5 -- -- L -- -- -- -- 7.5 7.5 7.5 7.5 -- -- PCM -- -- -- -- 5 5 5 5 -- -- W 3.5 3.5 4.5 4.5 5.5 -- -- -- -- -- VOLTAGE CODE 63 630 VDC / 250 VAC* H 8.5 8.5 9.5 9.5 11.5 -- -- -- -- -- L 7.5 7.5 7.5 7.5 7.5 -- -- -- -- -- PCM 5 5 5 5 5 -- -- -- -- --
Further C-values upon request
*Not suitable for mains applications. *S = box size 55 x 210 x 340 mm (W x H x L)
RECOMMENDED PACKAGING
LETTER CODE D G F W -- TYPE OF PACKAGING AMMO AMMO REEL REEL BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 -- ORDERING CODE EXAMPLES MKP 1840-310/404-5MD MKP 1840-310/404-5MG MKP 1840-310/404-5MF MKP 1840-310/404-5MW MKP 1840-310/404-5M PCM 5 X X X X X
EXAMPLE OF ORDERING CODE
TYPE MKP 1840 CAPACITANCE CODE 347 VOLTAGE CODE 25 TOLERANCE CODE 4 MINI 5M PACKAGING CODE G
Tolerance codes: 4 = 5 % (J); 5 = 10 % (K); 3 = 2.5 % (H);
VRMS
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 250 VDC 1 103 2 3 5 7 104
0.0 2
VRMS
Capacitance in F
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 400 250 VDC 1 103 2 3 5 7 104
Capacitance in F
0.0 0.2 47 0.4 6.8 2.2
1 0.0 22
1.0
0.1 7
0. 0.0 01 4 0.0 0.2 7 22 2 1.0 0.1 0.4 7 6.8 2.2
2
3
5 7 105
2
3
Permissible AC Voltage versus Frequency
5 7 106 f (Hz)
2
3
5 7 105
2
3
Permissible AC Voltage versus Frequency
5 7 106 f (Hz)
www.vishay.com 4
For technical questions contact: dc-film@vishay.com
Document Number: 26064 Revision: 24-Nov-05
MKP 1840.../...-M
Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: CECC 31 200
Vishay Roederstein
VRMS
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 630 VDC / 250 VAC 1 103 2 3 5 7 104
0.0 1.0 0.2 2 47
VRMS
Capacitance in F
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 630 VDC / 400 VAC 1 103 2 3 5 7 104
Capacitance in F
0.0
1 0.0 22 0.1 7
0.4 2.2
0.0 0.0 1 47 0.0 0.2 22 2 1.0 0.1 0.4 7
2
3
5 7 105
2
3
Permissible AC Voltage versus Frequency
5 7 106 f (Hz)
2
3
5 7 105
2
3
Permissible AC Voltage versus Frequency
5 7 106 f (Hz)
VRMS
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1000 VDC 1 103 2 3 5 7 104
0.0 1.0 0.2 2 47
VRMS
Capacitance in F
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1600 VDC 1 103 2 3 5 7 104
0.0 0.2 2
Capacitance in F
0.0 47 0.4
0.0
1 0.0 0.1 7 22
1 0.0 0.1 7 22
0.4
2
3
5 7 105
2
3
Permissible AC Voltage versus Frequency
5 7 106 f (Hz)
2
3
5 7 105
2
3
Permissible AC Voltage versus Frequency
5 7 106 f (Hz)
VRMS
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 2000 VDC 1 103 2 3 5 7 104
0.0
0.0 0.0 47 1 0.0 0.0 22
01 7
04
Capacitance in F 2 3 5 7 105 2 3 5 7 106 f (Hz)
Permissible AC Voltage versus Frequency
Document Number: 26064 Revision: 24-Nov-05
For technical questions contact: dc-film@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MKP1840-410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X